PART |
Description |
Maker |
DAC1405D650 DAC1405D650HW |
Dual 14-bit DAC, up to 650 Msps; 2垄楼 4垄楼 and 8垄楼 interpolating Dual 14-bit DAC, up to 650 Msps; 2′ 4′ and 8′ interpolating
|
NXP Semiconductors
|
DAC1205D650 DAC1205D650HW_C1 DAC1205D650HW/C1 |
Dual 12-bit DAC, up to 650 Msps; 2垄楼 4垄楼 and 8垄楼 interpolating Dual 12-bit DAC, up to 650 Msps; 2′ 4′ and 8′ interpolating
|
NXP Semiconductors
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
AD7547 AD7547AQ AD7547BQ AD7547CQ AD7547JN AD7547J |
LC2MOS PARALLEL LOADING DUAL 12-BIT DAC Dual 12-Bit CMOS DAC with Parallel Load Input Structure
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
5962-89657023A |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Military DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
AD5543 AD5543BRM AD5553CRM-REEL7 AD5553CRMZ AD5553 |
14-Bit DAC in SOIC-8 Package 16-Bit DAC in µSOIC-8 Package 14-Bit DAC in µSOIC-8 Package 16-Bit DAC in SOIC-8 Package Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:13-4 Current Output/ Serial Input/ 16-/14-Bit DAC
|
Analog Devices, Inc.
|
5962-8767107LA 5962-8767107LX 5962-8767101KA 5962- |
Fuse-Programmable PLD Complete, 12-Bit Multiplying DAC Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 保险丝,可编程的PLD
|
Rochester Electronics, LLC
|
AD5415YRUZ AD5415YRUZ-REEL7 |
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4 Quadrant Resistors and Serial Interface; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
MAX5013 MAX5013AEPI MAX5013AEQI MAX5013BEPI MAX501 |
12-Bit 100Msps TTL DAC 12-Bit / 100Msps TTL DAC 12-Bit, 100Msps TTL DAC PARALLEL, WORD INPUT LOADING, 0.013 us SETTLING TIME, 12-BIT DAC, PQCC28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|